Part Number Hot Search : 
KRC841U IRL80 EC4558P 2409D FR301 FMMT5087 C00FK BC859AW
Product Description
Full Text Search
 

To Download 2SD1796 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Built-in Avalanche Diode for Surge Absorbing Darlington
Silicon NPN Triple Diffused Planar Transistor sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SD1796 6010 6010 6 4 0.5 25(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
2SD1796
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) fT COB Conditions VCB=50V VEB=6V IC=10mA VCE=4V, IC=3A IC=3A, IB=10mA VCE=12V, IE=-0.2A VCB=10V, f=1MHz 2SD1796 10max 10max 6010 2000min 1.5max 60typ 45 typ V MHz pF
13.0min
Equivalent circuit
B
C
(3 k )(1 5 0) E
Application : Driver for Solenoid, Relay and Motor and General Purpose
(Ta=25C) Unit
External Dimensions FM20(TO220F)
4.00.2 10.10.2 4.20.2 2.8 c0.5
A
V
16.90.3 8.40.2
mA
1.350.15 1.350.15 0.85 +0.2 -0.1 0.45 +0.2 -0.1 2.54 2.20.2 2.40.2
sTypical Switching Characteristics (Common Emitter)
VCC (V) 30 RL () 10 IC (A) 3 VBB1 (V) 10 VBB2 (V) -5 IB1 (mA) 10 IB2 (mA) -10 ton (s) 1.0typ tstg (s) 4.0typ tf (s) 1.5typ
2.54
3.9 BCE
0.2
0.80.2
a b
o3.30.2
Weight : Approx 2.0g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
0m A
1.0m A
0 .8 m A
VCE( sat ) - IB Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V ) 3
I C - V BE Temperature Characteristics (Typical)
(V CE= 2V) 4
4
=2
IB
Collector Current I C (A)
0. 5m A
2
Collector Current I C( A)
3
0 .6 m A
3
p)
ase Tem 25C (C
4A
1
0.3mA
1
0
0
1
2
3
4
0 0.2
0.5
1
5
10
50
100
0
0
125C
1
1 Base-Emittor Voltage V B E( V)
-30C (C
IC = 2 A IC =1 A
(Cas
IC = 3 A
ase Tem
2
I C=
2
e Tem
0.4 mA
p)
p)
2
Collector-Emitter Voltage V C E( V)
Base Current I B( mA)
h FE - IC Characteristics (Typical)
(VCE=4V) 20000 D C Cur r ent aGai n h FE 10000
hFE - I C Temperature Characteristics (Typical)
(V C E= 4V) 20000 10000 5000
125 C
j-a - t Characteristics
j- a( C/W)
Transient Thermal Resistance 5
Typ
5000
DC Cur rent aGain h FE
1000 500
1000 500
C 25 0C -3
1 VCB=10V IE=-2V 0.5 1 10 Time t(ms) 100 1000
100 50 0.05 0.1 0.5 1 4 Collector Current I C( A)
100 50 0.05 0.1 0.5 1 4
Collector Current I C (A)
fT - IE Characteristics (Typical)
(VCE=10V) 120 10
Safe Operating Area (Single Pulse)
30
10
P c - T a Derating
Natural Cooling Silicone Grease Heatsink: Aluminum in mm 20
W ith In
1m
100 Cut- off F req uency f T( M H Z) Collector Cur rent I C( A)
s
80
DC
Typ
60
1 0.5
Ma xim um Powe r Dissipat io n P C( W)
5
10
s
m
0m s
fin
150x150x2
1 00x1 0 10
0x 2
ite
he
at
40
si
nk
Without Heatsink Natural Cooling 0.1 0.05
50x50x2
Without Heatsink 2
20
0 -0.01
-0.1
-1
-4
3
5
10
50
100
0
0
25
50
75
100
125
150
Emitter Current I E( A)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
138


▲Up To Search▲   

 
Price & Availability of 2SD1796

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X